Part Number Hot Search : 
ADP1877 68HC08 10ABQ8 BUH1015 2SC4082 M2015 EGP20K TLP180
Product Description
Full Text Search
 

To Download M81711FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mar. 2006 applications pdp electrical discharge maintenance drive,motor drive, switching power supply, dc/dc converter and general pur- pose driver. features ? rating voltage ....................................................... 24v ? output current ..................................... +0.8a, ?.6a ? power-supply range of operation ... 4.5v ~ 24v (recommendation power supply range : 4.5v ~ 17 v) ? high-speed switching time (22ns typ, cl = 1000pf) ? dual inverter ? ttl/cmos combatibl (v ih = 2.8v or more, at v dd = 4.5v ~ 9v) (v ih = 4.4v or more, at v dd = 4.5v ~ 15v) ? sop-8 package description M81711FP is a dual inverter type general purpose driver by 24v rating voltage. switching time examination circuit diagram pin configuration (top view) outline:8p2s nc:no connection mitsubishi semiconductors M81711FP general purpose driver 1. nc 2. in a 3. gnd 4. in b 8. nc 7. out a 6. v dd 5. out b t d1 t f t r 90% 90% 1000pf 4.7 f 0.1 f 1000pf 90% 10% 10% 10% +5v +0.4v 0v +9v/+15v input input a input b output a output b inverting output input rise and fall times = 5ns t d2 v dd = 9v/15v M81711FP block diagram v dd in out gnd www.datasheet.net/ datasheet pdf - http://www..co.kr/
mar. 2006 v v c 4.5 gnd ?0 17 v dd 100 absolute maximum ratings (ta = 25 c unless otherwise specified) supply voltage logic input voltage operation temperature symbol unit parameter t est conditions limits min. typ. max. v dd t erminal in a/b terminal v dd v in t opr recommended operating conditions mitsubishi semiconductors M81711FP general purpose driver thermal derating factor characteristic (maximum rating) package power dissipation pd (w) 0 0 0.2 0.4 0.6 0.1 0.3 0.5 25 50 100 75 125 150 temperature ta ( c) * for proper operation, the device should be used within the recommended conditions. v v w c c 0 gnd?.3 ?0 ?0 0.5 24 v dd +0.3 125 125 supply voltage logic input voltage package power dissipation junction temperature storage temperature symbol unit parameter t est conditions ratings min. typ. max. v dd t erminal in a/b terminal v dd , out a/b terminal v dd v in pd tj t stg www.datasheet.net/ datasheet pdf - http://www..co.kr/
mar. 2006 ns ns ns ns ns ns ns ns 35 40 25 30 22 25 22 25 70 80 50 60 45 50 45 50 t urn-on rise time t urn-off fall time delay time1 delay time2 symbol unit parameter t est conditions limits min. typ.* max. v dd = 15v, cl = 1000pf v dd = 9v, cl = 1000pf v dd = 15v, cl = 1000pf v dd = 9v, cl = 1000pf v dd = 15v, cl = 1000pf v dd = 9v, cl = 1000pf v dd = 15v, cl = 1000pf v dd = 9v, cl = 1000pf t r t f t d1 t d2 electrical characteristics (ac characteristic ; v in = 0v, 5v) * typ. is not specified. mitsubishi semiconductors M81711FP general purpose driver v v v v a v v ma ma ma ma a a a a ? ? ? ? 4.4 2.8 ? v dd ?.1 0.80 0.38 0.60 0.34 4.0 1.0 1.00 0.45 0.80 0.40 7 6 9 7 1.8 1.0 1 0.1 8.0 0.5 4.5 0.2 12 11 14 12 high level input threshold voltage low level input threshold voltage input bias current high level output voltage low level output voltage v dd supply current output high level short circuit pulsed current output low level short circuit pulsed current output on resistance symbol unit parameter t est conditions limits min. typ.* max. v dd = 15v v dd = 9v v dd = 15v v dd = 9v v in = 0v or v dd i o = 0a i o = 0a v dd = 15v v dd = 9v v dd = 15v, pw 10 s, vout = 0v v dd = 9v, pw 10 s, vout = 0v v dd = 15v, pw 10 s, vout = 15v v dd = 9v, pw 10 s, vout = 9v v dd = 15v v dd = 9v v ih v il i in v oh v ol isupp i oh i ol rout electrical characteristics (dc characteristic ; v dd = 4.5v ~ 17v) * typ. is not specified. pw : input pulse wide iload : supply input-and-output current to the out a/b terminal v in = 5v(both inputs) v in = 0v(both inputs) v in = 3v(both inputs) v in = 0v(both inputs) iload = 10ma, vout = ? iload = 10ma, vout = ? iload = 10ma, vout = ? iload = 10ma, vout = ? www.datasheet.net/ datasheet pdf - http://www..co.kr/
mar. 2006 mitsubishi semiconductors M81711FP general purpose driver performance curves t r - topr operation temperature topr ( c) turn-on rise time t r (ns) ?0 ?5 0 25 50 75 100 125 150 0 20 40 60 80 100 v dd = 9v v in = 5v c = 1000pf t r - v dd supply voltage v dd (v) turn-on rise time t r (ns) 0510 15 20 25 0 20 40 60 80 100 topr = 25 c v in = 5v c = 1000pf t f - topr operation temperature topr ( c) turn-off fall time t f (ns) ?0 ?5 0 25 50 75 100 125 150 0 20 40 60 80 100 v dd = 9v v in = 5v c = 1000pf t f - v dd supply voltage v dd (v) turn-off fall time t f (ns) 0510 15 20 25 0 20 40 60 80 100 topr = 25 c v in = 5v c = 1000pf t d1 - topr operation temperature topr ( c) delay time t d1 (ns) ?0 ?5 0 25 50 75 100 125 150 0 20 40 60 80 100 v dd = 9v v in = 5v c = 1000pf t d1 - v dd supply voltage v dd (v) delay time t d1 (ns) 0510 15 20 25 0 20 40 60 80 100 topr = 25 c v in = 5v c = 1000pf www.datasheet.net/ datasheet pdf - http://www..co.kr/
mar. 2006 mitsubishi semiconductors M81711FP general purpose driver t d2 - topr operation temperature topr ( c) delay time t d2 (ns) ?0 ?5 0 25 50 75 100 125 150 0 20 40 60 80 100 v dd = 9v v in = 5v c = 1000pf v ih - topr operation temperature topr ( c) high level input threshold voltage v ih (v) ?0 ?5 0 25 50 75 100 125 150 0.0 0.5 1.0 1.5 2.5 2.0 3.0 i o (+) - topr operation temperature topr ( c) output high level short circuit pulsed current i oh (a) ?0 ?5 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 0.1 0.3 0.5 0.7 0.9 1.0 v dd = 9v v dd = 9v v il - topr operation temperature topr ( c) low level input threshold voltage v il (v) ?0 ?5 0 25 50 75 100 125 150 0.0 0.5 1.0 1.5 2.5 2.0 3.0 v dd = 9v i o (? - topr operation temperature topr ( c) output low level short circuit pulsed current i ol (a) ?0 ?5 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 0.1 0.3 0.5 0.7 0.9 1.0 v dd = 9v t d2 - v dd supply voltage v dd (v) delay time t d2 (ns) 0510 15 20 25 0 20 40 60 80 100 topr = 25 c v in = 5v c = 1000pf www.datasheet.net/ datasheet pdf - http://www..co.kr/
mar. 2006 p ackage outline mitsubishi semiconductors M81711FP general purpose driver sop8-p-225-1.27 w eight(g) jedec code 0.07 eiaj package code lead material cu alloy 8p2s-a plastic 8pin 225mil sop symbol min nom max a a 2 b c d e h e l l 1 y b 2 dimension in millimeters a 1 i 2 0.05 ?.5 0.35 0.4 0.5 0.13 0.15 0.2 4.8 5.0 5.2 4.2 4.4 4.6 ?.27 5.9 6.2 6.5 0.2 0.4 0.6 ?.9 0. 1 0 ?0 ?.76 ?.72 1.27 1. 9 e e 1 8 5 4 1 h e e d e y f a a 2 a 1 l 1 l c detail f e b 2 e 1 i 2 recommended mount pad z z 1 detail g x z 1 0.595 0.745 0.25 z b x m g mmp www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of M81711FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X